PART |
Description |
Maker |
IDT74FCT2245CT IDT74FCT2245AT IDT74FCT2245ATPG IDT |
Octal Bi-Directional Transceiver FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
|
IDT
|
74ABT245CMSA 74ABT245CMTC 74ABT245CPC 74ABT245CSC |
Octal Bi-Directional Transceiver with 3-STATE Outputs
|
Fairchild Semiconductor
|
SMB SMBG16 SMBJ85 SMBJ58 SMBJ54 SMBJ110 SMBG150 SM |
UNI- AMD BI-DIRECTIONAL SURFACE MOUNT From old datasheet system High Speed CMOS Logic 4-by-4 Register File 16-CDIP -55 to 125 Crimp Socket Contact; Wire Size (AWG):18-24; Contact Material:Brass; Contact Plating:Gold; Contact Termination:Crimp CANMS3470L14-5PL/C High Speed CMOS Logic Octal Transparent Latches with 3-State Output 20-CDIP -55 to 125 CANMS3470L24-19SL/C High Speed CMOS Logic Non-Inverting Hex Buffer/Line Driver with 3-State Outputs 16-CDIP -55 to 125 UNI- AMD BI-DIRECTIONAL SURFACE MOUNT 联康AMD公司的双向表面贴 High Speed CMOS Logic Octal D-Type Flip-Flops with Data Enable 20-CDIP -55 to 125 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA PV SERIES 联康AMD公司的双向表面贴 UNI- AMD BI-DIRECTIONAL SURFACE MOUNT 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE EIC discrete Semiconductors
|
HM11-52004 HM11-21001 HM11-21302 HM11-21503 HM11-2 |
LEAD FREE A8904SLB-T WITH TAPE & REEL Vertical Mount Inductors BACKLIGHT DRIVER FOR MEDIUM SIZE LCDS 50 AMP BI-DIRECTIONAL CURRENT SENSOR 75 AMP BI-DIRECTIONAL CURRENT SENSOR 100 AMP BI-DIRECTIONAL CURRENT SENSOR 30A BI-DIRECTIONAL CURRENT SENSOR Hall Effect IC; Package/Case:module-5; Current Rating:-50A to ; Leaded Process Compatible:Yes; Operating Temp. Min:-20 C; Peak Reflow Compatible (260 C):Yes; Primary Sensed Current :50A; Primary Sensed Current -:50A RoHS Compliant: Yes LEAD FREE A8904SLP-T WITH TAPE & REEL 20A BI-DIRECTIONAL CURRENT SENSOR 垂直安装电感
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
1.5CE7.5CA 1.5CE8.2 1.5CE9.1 1.5CE350 1.5CE400 1.5 |
1.5W TRANSIENT SUPPRESSOR UNI-DIRECTIONAL AND BI-DIRECTIONAL SILICON TRANSIENT VOLTAGE SUPPRESSORS 1500 WATTS, 6.8 THRU 440 VOLTS
|
http:// Central Semiconductor Corp Central Semiconductor C...
|
CSD-20Z-2.45G |
2300 MHz - 2600 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX DIRECTIONAL COUPLERS
|
MERRIMAC INDUSTRIES INC Merrimac Industries, Inc.
|
CRP-11N-1000 CRP-20N-1000 CRP-10N-250 CRP-20N-250 |
BI-DIRECTIONAL COUPLERS 5 MHz - 500 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 1 dB INSERTION LOSS-MAX 8 PIN
|
MERRIMAC INDUSTRIES INC Merrimac Industries, Inc. Merrimac Industries, In...
|
CHS-134PIN CH-134PIN CHS-134 CH-CHS-134 |
10-500 MHz, Bi-directional coupler Bi-Directional Couplers 10 - 500 MHz Bi-Directional Couplers 10500 MHz 双向定向耦合0500兆赫
|
MA-Com MACOM[Tyco Electronics] Lite-On Technology, Corp.
|
GOB94015 GOB95015 GOB96015 |
400 V Bi-directional 3-phse AC-DC bridge 500 V Bi-directional 3-phse AC-DC bridge 690 V Bi-directional 3-phse AC-DC bridge
|
Green Power
|
DC25-73LF |
Directional Coupler 2.3-2.6 GHz 2300 MHz - 2600 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.3 dB INSERTION LOSS-MAX
|
Skyworks Solutions, Inc.
|
ADC0804 ADC0803LCD ADC0803LCN ADC0804-1CD ADC0804- |
Octal Buffer/Line Driver, OE Active Low IC 16-BIT OCTAL REG 48 TSSOP AC 11C 11#16 SKT RECP IC OCTAL BUFF/LINE DRV 20 QSOP CMOS 8-bit A/D converters
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|